PART |
Description |
Maker |
FDB6670S FDP6670S FDB6670SNL |
30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ From old datasheet system 30V N-Channel PowerTrench SyncFET 62 A, 30 V, 0.0085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
FDS6299S |
30V N-Channel PowerTrench® SyncFET™ 30V N-Channel PowerTrench SyncFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDB8870 |
N-Channel PowerTrench MOSFET 30V, 160A, 3.9mW 30V N-Channel PowerTrench? MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDS887607 FDS8876 |
N-Channel PowerTrench? MOSFET 30V, 12.5A, 8.2mΩ N-Channel PowerTrench庐 MOSFET 30V, 12.5A, 8.2m惟 N-Channel PowerTrench㈢ MOSFET 30V, 12.5A, 8.2mヘ
|
Fairchild Semiconductor
|
FDS6299S07 |
30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
FDC6333C FDC6333CNL FDC6333CQ |
30V N & P-Channel PowerTrench MOSFETs 30V N & P-Channel PowerTrench MOSFETs 30V N & P-Channel PowerTrench MOSFETs
|
Fairchild Semiconductor http://
|
FDD8896 FDD8896NL FDU8896 |
30V N-Channel PowerTrenchMOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor
|
FDMS9620SNBSP FDMS9620S07 FDMS9620S |
30V Dual N-Channel PowerTrenchMOSFET 30V Dual N-Channel PowerTrench® MOSFET Dual N-Channel PowerTrench㈢ MOSFET Dual N-Channel PowerTrench庐 MOSFET Dual N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor
|
FDP887010 FDP8870-F085 |
N-Channel PowerTrench? MOSFET 30V, 156A, 4.1mW N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor
|
FDS6298 |
30V N-Channel Fast Switching PowerTrench MOSFET 30V N-Channel Fast Switching PowerTrench® MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|